Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSZ5221BWS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5221BWS
Description  200mW , SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5221BWS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5221BWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5221BWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5221BWS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5221BWS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MTSZ52xxBWS Series
200mW , SOD-323L
Surface Mount Zener Diodes
Elektronische Bauelemente
6-Jan-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Type Number
Marking
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
=0.25mA
IZK
IR@VR
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MTSZ5221BWS
Z2V4
2.28
2.4
2.52
20
30
1200
0.25
100
1
MTSZ5222BWS
Z2V5
2.38
2.5
2.63
20
30
1250
0.25
100
1
MTSZ5223BWS
Z2V7
2.57
2.7
2.84
20
30
1300
0.25
75
1
MTSZ5224BWS
Z2V8
2.66
2.8
2.94
20
30
1400
0.25
75
1
MTSZ5225BWS
Z3V0
2.85
3
3.15
20
29
1600
0.25
50
1
MTSZ5226BWS
Z3V3
3.14
3.3
3.47
20
28
1600
0.25
25
1
MTSZ5227BWS
Z3V6
3.42
3.6
3.78
20
24
1700
0.25
15
1
MTSZ5228BWS
Z3V9
3.71
3.9
4.10
20
23
1900
0.25
10
1
MTSZ5229BWS
Z4V3
4.09
4.3
4.52
20
22
2000
0.25
5
1
MTSZ5230BWS
Z4V7
4.47
4.7
4.94
20
19
1900
0.25
5
2
MTSZ5231BWS
Z5V1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MTSZ5232BWS
Z5V6
5.32
5.6
5.88
20
11
1600
0.25
5
3
MTSZ5233BWS
Z6V0
5.70
6
6.30
20
7
1600
0.25
5
3.5
MTSZ5234BWS
Z6V2
5.89
6.2
6.51
20
7
1000
0.25
5
4
MTSZ5235BWS
Z6V8
6.46
6.8
7.14
20
5
750
0.25
3
5
MTSZ5236BWS
Z7V5
7.13
7.5
7.88
20
6
500
0.25
3
6
MTSZ5237BWS
Z8V2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MTSZ5238BWS
Z8V7
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MTSZ5239BWS
Z9V1
8.65
9.1
9.56
20
10
600
0.25
3
7
MTSZ5240BWS
Z10V
9.50
10
10.50
20
17
600
0.25
3
8
MTSZ5241BWS
Z11V
10.45
11
11.55
20
22
600
0.25
2
8.4
MTSZ5242BWS
Z12V
11.40
12
12.60
20
30
600
0.25
1
9.1
MTSZ5243BWS
Z13V
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MTSZ5244BWS
Z14V
13.30
14
14.70
9
15
600
0.25
0.1
10
MTSZ5245BWS
Z15V
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MTSZ5246BWS
Z16V
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MTSZ5247BWS
Z17V
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MTSZ5248BWS
Z18V
17.10
18
18.90
7
21
600
0.25
0.1
14
MTSZ5249BWS
Z19V
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MTSZ5250BWS
Z20V
19.00
20
21.00
6.2
25
600
0.25
0.1
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com