Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S79L05 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S79L05
Description  3-Terminal Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S79L05 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S79L05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S79L05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S79L05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S79L05 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S79L05 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
S79Lxx Series
3-Terminal
Negative Voltage Regulator
26-Sep-2011 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
S79L05 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ=0~125 °C, IO=40mA, VIN=-10V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -10V, IO=40mA, TJ=25°C
-4.8
-5
-5.2
-7V V
≦ IN≦-20V, 1mA I
≦ O 40mA
≦
-4.75
-5
-5.25
VO
1mA I
≦ O 70mA
≦
-4.75
-5
-5.25
V
-7V V
≦ IN≦-20V, TJ=25°C
-
15
150
V
  O (Line Regulation)
-8V V
≦ IN≦-20V, TJ=25°C
-
12
100
mV
1mA I
≦ O≦100mA, TJ=25°C
-
20
60
V
  O (Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
10
30
mV
IQ
TJ=25°C
-
-
6
mA
1mA I
≦ O≦40mA
-
-
0.1
I
  Q
-8V V
≦ IN≦-20V
-
-
1.5
mA
VN
10Hz f 100KHz, T
≦≦
J=25°C
-
40
-
μV
RR
-8V≦VIN≦-18V, f=120Hz
41
49
-
dB
VD
TJ=25°C
-
1.7
-
V
S79L06 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=-11V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -11V, IO=40mA, TJ=25°C
-5.75
-6
-6.25
-8V V
≦ IN≦-20V, 1mA I
≦ O 40mA
≦
-5.7
-6
-6.3
VO
1mA I
≦ O 70mA
≦
-5.7
-6
-6.3
V
-8V V
≦ IN≦-20V, TJ=25°C
-
20
175
V
  O (Line Regulation)
-9V V
≦ IN≦-20V, TJ=25°C
-
15
125
mV
1mA I
≦ O≦100mA, TJ=25°C
-
21
80
V
  O (Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
11
40
mV
IQ
TJ=25°C
-
3.9
6
mA
1mA I
≦ O≦40mA
-
-
0.1
I
  Q
-9V V
≦ IN≦-20V
-
-
1.5
mA
VN
10Hz f 100KHz, T
≦≦
J=25°C
-
44
-
μV
RR
-9V≦VIN≦-19V, f=120Hz
40
48
-
dB
VD
TJ=25°C
-
1.7
-
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com