Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S79L09 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # S79L09
Description  3-Terminal Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S79L09 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  S79L09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S79L09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S79L09 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S79L09 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S79L09 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
S79Lxx Series
3-Terminal
Negative Voltage Regulator
26-Sep-2011 Rev. B
Page 4 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
S79L12 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=-19V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -19V, IO=40mA, TJ=25°C
-11.5
-12
-12.5
-14.5V V
≦ IN≦-27V, 1mA I
≦ O 40mA
≦
-11.4
-12
-12.6
VO
1mA I
≦ O 70mA
≦
-11.4
-12
-12.6
V
-14.5V V
≦ IN≦-27V, TJ=25°C
-
50
250
V
  O (Line Regulation)
-16V V
≦ IN≦-27V, TJ=25°C
-
40
200
mV
1mA I
≦ O 1
≦
00mA, TJ=25°C
-
24
100
V
  O (Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
15
50
mV
IQ
TJ =25°C
-
-
6.5
mA
1mA I
≦ O≦40mA
-
-
1.5
I
  Q
-16V V
≦ IN≦-27V, IO=500mA
-
-
0.1
mA
VN
10Hz f 100KHz, T
≦≦
J=25°C
-
80
-
μV
RR
-15V≦VIN≦-25V, f=120Hz
37
42
-
dB
VD
TJ=25°C
-
1.7
-
V
S79L15-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=-23V, CIN=0.33μF, CO=0.1μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -23V, IO=40mA, TJ=25°C
-14.4
-15
-15.6
-17.5V≦VIN≦-30V, 1mA≦IO≦40mA
-14.25
-15
-15.75
VO
1mA≦IO≦70mA
-14.25
-15
-15.75
V
-17.5V V
≦ IN≦-30V, IO=40mA, TJ=25°C
-
65
300
V
  O(Line Regulation)
-20V V
≦ IN≦-30V, IO=40mA, TJ=25°C
-
50
250
mV
VIN=23V, 1mA I
≦ O 100mA,
≦
TJ=25°C
-
25
150
V
  O(Load Regulation)
VIN=23V, 1mA≦IO≦40mA, TJ=25°C
-
15
75
mV
IQ
TJ=25°C
-
-
6.5
mA
1mA I
≦ O 40mA
≦
-
-
0.1
I
  Q
-20V V
≦ IN≦-30V, IO=40mA
-
-
1.5
mA
VN
10Hz f 100KHz,
≦≦
TJ=25°C
-
90
-
μV
RR
-18.5V≦VIN≦-28.5V, f=120Hz
34
39
-
dB
VD
TJ=25°C
-
1.7
-
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com