Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S79L12 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S79L12
Description  3-Terminal Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S79L12 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S79L12 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S79L12 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S79L12 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S79L12 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S79L12 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elektronische Bauelemente
S79Lxx Series
3-Terminal
Negative Voltage Regulator
26-Sep-2011 Rev. B
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
S79L08 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=-14V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -14V, IO=40mA, TJ=25°C
-7.7
-8
-8.3
-10.5V V
≦ IN≦-23V, 1mA I
≦ O 40mA
≦
-7.6
-8
-8.4
VO
1mA I
≦ O 70mA
≦
-7.6
-8
-8.4
V
-10.5V V
≦ IN≦-23V, TJ=25°C
-
42
200
V
  O (Line Regulation)
-11V V
≦ IN≦-23V, TJ=25°C
-
36
150
mV
1mA I
≦ O 100mA, T
≦
J=25°C
-
30
100
V
  O (Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
15
50
mV
IQ
TJ=25°C
-
4
6
mA
1mA I
≦ O 40mA
≦
-
-
0.1
I
  Q
-11V V
≦ IN≦-23V
-
-
1.5
mA
VN
10Hz f 100KHz, T
≦≦
J=25°C
-
54
-
μV
RR
-11V≦VIN≦-21V, f=120Hz
37
46
-
dB
VD
TJ=25°C
-
1.7
-
V
S79L09 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=-16V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -16V, IO=40mA, TJ=25°C
-8.64
-9
-9.36
-12V V
≦ IN≦-24V, 1mA I
≦ O 40mA
≦
-8.55
-9
-9.45
VO
1mA I
≦ O 70mA
≦
-8.55
-9
-9.45
V
-12V V
≦ IN≦-24V, TJ=25°C
-
45
175
V
  O (Line Regulation)
-13V V
≦ IN≦-24V, TJ=25°C
-
40
125
mV
1mA I
≦ O 100mA, T
≦
J=25°C
-
19
90
V
  O (Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
11
40
mV
IQ
TJ=25°C
-
4.1
6
mA
1mA I
≦ O 40mA
≦
-
-
0.1
I
  Q
-13V V
≦ IN≦-24V
-
-
1.5
mA
VN
10Hz f 100KHz, T
≦≦
J=25°C
-
58
-
μV
RR
-15V≦VIN≦-24V, f=120Hz
-
45
-
dB
VD
TJ=25°C
-
1.7
-
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com