Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDS103 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCDS103
Description  Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCDS103 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCDS103 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCDS103 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCDS101 / SCDS102 / SCDS103
Voltage 50V ~ 200V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
10-Feb-2012 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Lead less chip form, no lead damage
Lead-free solder joint, no wire bond & lead frame
Low power loss, High efficiency
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
MECHANICAL DATA
Case: Packed with FRP substrate and epoxy under filled
Terminals : Pure Tin plated (Lead-Free), solderable
per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
APPLICATION
High frequency rectification
AC/DC Power Supply
MARKING
Part Number
SCDS101
SCDS102
SCDS103
Marking
77ZA
77ZB
127Z
PACKAGE INFORMATION
Package
MPQ
Leader Size
1206
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Part Number
Parameter
Symbol
SCDS101
SCDS102
SCDS103
Unit
Peak Repetitive Peak reverse voltage
VRRM
50
100
200
V
Maximum Average Forward Current
IF(AV)
1
A
Peak Forward Current @ 8.3 ms half sine-wave
IFSM
30
A
IF=0.1 A
0.7
IF=0.5 A
0.85
Typical Forward Voltage
IF=1 A
VF
0.94
V
Maximum Repetitive Peak Reverse Current
@ VR = Max. VRRM, TA = 25 °C
IRRM
1
2
μA
Reverse recovery time
TRR
35
nS
Junction capacitance @ VR=4V, f=1.0 MHz
CJ
10
pF
Typical Thermal Resistance – Junction to Ambient
1
RJA
90
Typical Thermal Resistance – Junction to Lead
1
RJL
40
°C / W
Operating And Storage Temperature Range
TJ, TSTG
-65~175
°C
Notes:
1.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0 mm) copper pad areas.
2.
Preliminary draft
1206
Cathode Band
G
E
E
D
A
C
B
F
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.20
3.60
E
0.50
0.90
B
1.70
2.10
F
R 0.40
C
1.60 TYP.
G
0.05 REF.
D
0.86
1.16


Similar Part No. - SCDS103

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCDS101 SECOS-SCDS101 Datasheet
653Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS104 SECOS-SCDS104 Datasheet
654Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS104 SECOS-SCDS104_15 Datasheet
643Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS105 SECOS-SCDS105 Datasheet
707Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS105 SECOS-SCDS105_15 Datasheet
707Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
More results

Similar Description - SCDS103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com