Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS217F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS217F
Description  0.1A , 80V Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS217F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS217F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS217F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SCS217F
0.1A , 80V
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
1-Nov-2011 Rev. A
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small surface mounting type
Two diode elements are connected in series
MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
80
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Peak Forward Surge Current
@ t = 1.0µs
IFSM
0.4
A
@ t = 10ms
1
Power Dissipation
PD
200
mW
Operating temperature range
Topr
-40~100
°C
Junction & Storage Temperature
TJ,TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
80
-
V
IR=100µA
Reverse Voltage Leakage Current
IR
-
0.2
µA
VR=70V
Forward Voltage
VF
-
1200
mV
IF=100mA
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
A7


Similar Part No. - SCS217F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS217F SECOS-SCS217F_15 Datasheet
263Kb / 2P
Plastic-Encapsulated Switching Diode
More results

Similar Description - SCS217F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS202NK SECOS-SCS202NK_11 Datasheet
325Kb / 2P
0.3A , 80V Plastic-Encapsulated Small Signal Switching Diode
SCS222DSTL SECOS-SCS222DSTL Datasheet
252Kb / 2P
0.1A , 80V Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J Datasheet
952Kb / 2P
0.1A , 90V Plastic-Encapsulated Switching Diode
SCS4448DSTL SECOS-SCS4448DSTL Datasheet
319Kb / 2P
0.5A , 80V Plastic-Encapsulated Switching Diode
UMN1N SECOS-UMN1N Datasheet
1Mb / 2P
0.025A , 80V Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com