Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS751S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS751S
Description  0.03A , 40V Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS751S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS751S_12 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS751S_12 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS751S
0.03A , 40V
Surface Mount Schottky Barrier Rectifiers
20-Feb-2012 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Surface Mounting Type
Low Reverse Current and Low Forward Voltage
High Reliability
MECHANICAL DATA
Case: SOD-523, Molded Plastic
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: See Diagrams Below
Mounting position: Any
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
30
V
Maximum Average Forward Rectified Current
IF
30
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
200
mA
Maximum Instantaneous Forward Voltage @ IF=1mA
VF
0.37
V
Maximum DC Reverse Current @ VR=30V
IR
0.5
μA
Capacitance Between Terminals @ VR=1V, f=1MHz
CT
2
pF
Operating Temperature Range
TJ
125
°C
Storage Temperature Range
TSTG
-40~125
°C
Notes:
1.
ESD sensitive product handling required
SOD-523
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20
5
4B


Similar Part No. - SCS751S_12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751S SECOS-SCS751S_15 Datasheet
146Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS751S_12

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G705SD GTM-G705SD Datasheet
246Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.03A
G706SD GTM-G706SD Datasheet
240Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.03A
logo
Taiwan Semiconductor Co...
RB751V-40 TSC-RB751V-40_1 Datasheet
42Kb / 2P
0.03A Surface Mount Schottky Barrier Diode
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SeCoS Halbleitertechnol...
SCS480K SECOS-SCS480K Datasheet
55Kb / 1P
0.1A , 40V Surface Mount Schottky Barrier Rectifiers
SCS751J-40 SECOS-SCS751J-40 Datasheet
206Kb / 2P
0.03A , 40V Surface Mount Schottky Barrier Rectifiers
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
40V, 2A Surface Mount Schottky Barrier Rectifiers
SK340LHT SECOS-SK340LHT Datasheet
297Kb / 2P
40V, 3A Surface Mount Schottky Barrier Rectifiers
SM140TWS SECOS-SM140TWS Datasheet
191Kb / 2P
40V, 1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com