Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE7808 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SE7808
Description  3-Terminal Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE7808 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SE7808 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE7808 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE7808 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE7808 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SE7808 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SE78xx-B Series
3-Terminal
Positive Voltage Regulator
17-Oct-2010 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SE7805 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ=0~125°C, IO=500mA, VIN=10V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=10V, IO=500mA, TJ=25°C
4.8
5
5.2
VO
7.5V≦VIN≦20V, 5mA≦IO≦1A, PD≦15W
4.75
5
5.25
V
7V≦VIN≦25V, TJ=25°C
-
4
100
V
O (Line Regulation)
8V≦VIN≦12V, TJ=25°C
-
1.6
50
mV
5mA≦IO≦1.5A, TJ=25°C
-
9
100
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
50
mV
IQ
TJ =25°C
-
5
8
mA
5mA≦IO≦1A
-
0.03
0.5
I
Q
7V≦VIN≦25V
-
0.3
1.3
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
42
-
μV
RR
8V≦VIN≦18V, f=120Hz
62
73
-
dB
VD
Io=1A, TJ=25°C
-
2
-
V
ISC
TJ=25°C
-
230
-
mA
Ipk
TJ=25°C
-
2.2
-
A
V
O / Tj
IO=5mA
-
-1.1
-
mV / °C
SE7806 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=500mA, VIN=11V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=11V, IO=500mA, TJ=25°C
5.75
6
6.25
VO
8V≦VIN≦21V, 5mA≦IO≦1A, PD≦15W
5.7
6
6.3
V
8V≦VIN≦25V, TJ=25°C
-
5
120
V
O (Line Regulation)
9V≦VIN≦13V, TJ=25°C
-
1.5
60
mV
5mA≦IO≦1.5A, TJ=25°C
-
14
120
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
60
mV
IQ
TJ=25°C
-
4.3
8
mA
5mA≦IO≦1A
-
-
0.5
I
Q
8V≦VIN≦25V
-
-
1.3
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
45
-
μV
RR
9V≦VIN≦19V, f=120Hz
59
75
-
dB
VD
Io=1A, TJ=25°C
-
2
-
V
ISC
TJ=25°C
-
550
-
mA
Ipk
TJ=25°C
-
2.2
-
A
V
O / Tj
IO=5mA
-
-0.8
-
mV / °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com