Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE7809 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SE7809
Description  3-Terminal Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE7809 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SE7809 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE7809 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE7809 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE7809 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SE7809 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SE78xx-B Series
3-Terminal
Positive Voltage Regulator
17-Oct-2010 Rev. B
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
The SE78xx-B series of fixed-voltage monolithic integrated
-circuit applications. These applications include on-card
regulation for elimination of noise and distribution problems
associated with single-point regulation. Each of these regulators
can deliver up to 1 amperes of output current. The internal
current limiting and thermal shutdown features of these
regulators make them essentially immune to overload.
FEATURES
Internal Short-Circuit Current Limiting
-5V, -6V, -8V, -9V, -10V, -12V Output Voltage Available
No External Components Required
Wide Range Of Available, Fixed Output Voltage
Internal Thermal Overload Protection
TYPICAL APPLICATION
MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Input Voltage
5V~12V
VIN
35
V
Output Current
IO
1.5
A
Operating Junction Temperature Range
TJ
0~125
Storage Temperature Range
TSTG
-55~150
°C
Thermal Resistance Junction-Air
RθJA
65
°C / W
Thermal Resistance Junction-Cases
RθJC
5
°C / W
TO-220J


Similar Part No. - SE7809

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE7809 SECOS-SE7809 Datasheet
552Kb / 6P
Positive Voltage Regulator
More results

Similar Description - SE7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com