Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM78L05 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM78L05
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM78L05 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM78L05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Elektronische Bauelemente
SM78Lxx Series
Positive Voltage Regulator
06-Jul-2011 Rev. C
Page 2 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L05 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=40mA, VIN=10V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=10V, IO=40mA,TJ=25°C
4.8
5
5.2
7V≦VIN≦20V, 1mA≦IO≦40mA
4.75
5
5.25
VO
1mA≦IO≦70mA
4.75
5
5.25
V
7V≦VIN≦20V
-
32
150
V
O(Line Regulation)
8V≦VIN≦20V, TJ =25°C
-
26
100
mV
1mA≦IO≦100mA, TJ =25°C
-
15
60
V
O(Load Regulation)
1mA≦IO≦40mA, TJ =25°C
-
8
30
mV
IQ
Tj=25°C
-
3.8
6.0
mA
1mA≦IO≦40mA
-
-
0.1
I
Q
8V≦VIN≦20V
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
42
-
μV
RR
8V≦VIN≦20V, f=120Hz
41
49
-
dB
VD
TJ =25°C
-
1.7
-
V
SM78L06 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=40mA, VIN=11V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=11V, IO=40mA, TJ=25°C
5.75
6
6.25
8V≦VIN≦20V, 1mA≦IO≦40mA
5.7
6
6.3
VO
1mA≦IO≦70mA
5.7
6
6.3
V
8V V
≦ IN 20V,
≦
TJ=25°C
-
35
175
V
  O(Line Regulation)
9V V
≦ IN 20V,
≦
TJ=25°C
-
29
125
mV
1mA I
≦ O 100mA,
≦
TJ=25°C
-
16
80
V
  O(Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
9
40
mV
IQ
TJ=25°C
-
3.9
6.0
mA
1mA I
≦ O 40m
≦
A
-
-
0.1
I
  Q
9V V
≦ IN 20V
≦
-
-
1.5
mA
VN
10Hz f 100KHz
≦≦
-
46
-
μV
RR
9V≦VIN≦19V, f=120Hz
40
48
-
dB
VD
TJ=25°C
-
1.7
-
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com