Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3200AS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM3200AS
Description  Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM3200AS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM3200AS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM3200AS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM3200AS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM320AS~SM3200AS
Voltage 20V ~ 200V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
06-Jul-2011 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Parameter
Symbol
Part Number
Unit
SM
320AS
SM
330AS
SM
340AS
SM
350AS
SM
360AS
SM
380AS
SM
3100AS
SM
3150AS
SM
3200AS
Maximum Repetitive Peak
Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Continuou reverse voltage
VR
20
30
40
50
60
80
100
150
200
V
Maximum Average Forward
Rectified Current, See Fig.1
IO
3
A
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Maximum Instantaneous
Forward Voltage @ IF=3A
VF
0.5
0.7
0.85
0.92
V
Maximum Reverse
Current at Rated VR
Per Diode
3
TA=25°C
IR
0.5
mA
TA=100°C
20
Typical Junction Capacitance
1
CJ
250
pF
Typical Thermal Resistance
RθJC
30
°C / W
Typical Thermal Resistance
RθJA
60
°C / W
Operating Temperature
TJ
-55~125
-55~150
°C
Storage Temperature
TSTG
-65~175
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com