Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMG2334NE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2334NE
Description  3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2334NE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2334NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2334NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2334NE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2334NE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMG2334NE
3.5A , 30V , RDS(ON) 58 m
N-Channel Enhancement MOSFET
10-Jan-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS = VGS, ID = 250μA
Gate-Body Leakage
IGSS
-
-
±10
nA
VDS =0, VGS= ±12V
-
-
1
VDS =16V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS =16V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(ON)
7
-
-
A
VDS =5V, VGS=4.5V
-
-
58
VGS=4.5V, ID =2.8A
Drain-Source On-Resistance
1
RDS(ON)
-
-
82
mΩ
VGS=2.5V, ID =2.4A
Forward Transconductance
1
gFS
-
10
-
S
VDS=10V,,ID =2.8A
Diode Forward Voltage
VSD
-
0.69
-
V
IS=1A, VGS=0
Dynamic
2
Input Capacitance
Ciss
413
Output Capacitance
Coss
76
Reverse Transfer Capacitance
Crss
67
pF
VDS=15 V,
VGS=0,
f=1 MHz
Total Gate Charge
Qg
-
6
-
Gate-Source Charge
Qgs
-
0.9
-
Gate-Drain Charge
Qgd
-
1.9
-
nC
ID=2.8A
VDS=10V
VGS=4.5V
Turn-On Delay Time
Td(ON)
-
8
-
Rise Time
Tr
-
21
-
Turn-Off Delay Time
Td(OFF)
-
49
-
Fall Time
Tf
-
26
-
nS
ID=2.8A,
VDS=10V
VGEN=4.5V
RL=3.6Ω,
RGEN=6Ω
Notes
1.
Pulse test:PW≦300 us duty cycle≦2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com