Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4940NC Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4940NC
Description  8.3A , 40V , RDS(ON) 23 m Dual-N Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4940NC Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4940NC Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4940NC Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4940NC Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4940NC Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4940NC
8.3A , 40V , RDS(ON) 23 m
Dual-N Enhancement Mode Power MOSFET
20-Feb-2012 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS=±20V
-
-
1
μA
VDS=32V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS=32V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(on)
15
-
-
A
VDS=5V, VGS=10V
-
-
23
VGS=10V, ID=6.6A
Drain-Source On-Resistance
1
RDS(ON)
-
-
30
mΩ
VGS=4.5V, ID=5.6A
Forward Transconductance
1
gfs
-
15
-
S
VDS=15V, ID=6.6A
Diode Forward Voltage
VSD
-
0.74
-
V
IS=1.6A, VGS=0
Gate Resistance
Rg
1.4
Ω
f=1.0MHz
Dynamic
2
Input Capacitance
Ciss
1389
Output Capacitance
Coss
169
Reverse Transfer Capacitance
Crss
134
pF
VDS=15V,
VGS=0,
f=1MHz
Total Gate Charge
Qg
-
13
-
Gate-Source Charge
Qgs
-
3.4
-
Gate-Drain Charge
Qgd
-
7
-
nC
ID=6.6A
VDS=20V
VGS=4.5V
Turn-On Delay Time
Td(on)
-
8
-
Rise Time
Tr
-
10
-
Turn-Off Delay Time
Td(off)
-
37
-
Fall Time
Tf
-
16
-
nS
VDs=20V
ID=6.6A
VGEN=10V
RL=3.1Ω
RGEN=6Ω
Notes:
1
Pulse test:PW≦300μs duty cycle≦2%.
2
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com