Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPS7333P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS7333P
Description  -10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS7333P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSPS7333P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS7333P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSPS7333P
-10.9 A , -30 V , RDS(ON) 20 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
19-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS=VGS, ID= -250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±25V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -24V, VGS=0
-
-
-5
VDS= -24V, VGS=0, TJ=55°C
Drain-Source On-Resistance
1
RDS(ON)
-
-
20
m
VGS= -10V, ID= -10A
-
-
36
VGS= -4.5V, ID= -8A
Diode Forward Voltage
VSD
-
-0.8
-
V
IS=2.5A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
33
-
nC
VDS= -15 V,
VGS= -5 V,
ID= -11.5 A
Gate-Source Charge
Qgs
-
5
-
Gate-Drain Charge
Qgd
-
9
-
Turn-On Delay Time
Td(on)
-
10
-
nS
VDD= -15V
ID= -1A
VGEN= -10V
RL=6
Rise Time
Tr
-
6
-
Turn-Off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
20
-
Notes:
1.
Pulse test:PW ≦ 300µs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com