Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # TIP32
Description  PNP Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TIP32 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  TIP32 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TIP32 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH TIP32 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
TIP32 / TIP32C
PNP Plastic-Encapsulate Transistor
11-Jan-2012 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
TIP32
-40
-
-
Collector-Base Breakdown
Voltage
TIP32C
V(BR)CBO
-100
-
-
V
IC= -1mA, IE=0
TIP32
-40
-
-
Collector-Emitter Breakdown
Voltage
1
TIP32C
V(BR)CEO
-100
-
-
V
IC= -30mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -1mA, IC=0
TIP32
VCB= -40V, IE=0
Collector Cut-Off Current
TIP32C
ICBO
-
-
-200
μA
VCB= -100V, IE=0
TIP32
VCE= -30V, IB=0
Collector Cut-Off Current
TIP32C
ICEO
-
-
-0.3
mA
VCE= -60V, IB=0
Emitter Cut-Off Current
IEBO
-
-
-1
mA
VEB= -5V, IC=0
25
-
-
VCE= -4V, IC= -1A
DC Current Gain
hFE
15
-
75
VCE= -4V, IC= -3A
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-1.2
V
IC= -3A, IB= -0.375A
Base-Emitter Voltage
VBE
-
-
-1.8
V
VCE= -4V, IC= -3A
Transition Frequency
f T
3
-
-
MHz
VCE= -10V, IC= -0.5A
Notes:
1. Pulse Test: PW≦300μs, Duty Cycle≦2%.
CHARACTERISTIC CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com