Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZ8043 Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # STZ8043
Description  Silicon Planar Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

STZ8043 Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  STZ8043 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043 Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage
Current
Temp. coefficient of
Zener Voltage
lZT for
VZ
ZZT
ZZK
at IZK
IR
at VR
SZ (mV/OC)
Typ. at IZT
mA
V
Ω (Max.)
Ω (Max.)
mA
μA (Max.)
V
STZ8082
1Z
5
7.7…8.7
20
60
0.5
0.5
5
4.6
STZ8082A
2Z1
7.77…8.17
STZ8082B
EJ
8.03…8.43
STZ8082C
3B1
8.29…8.7
STZ8091
2A
5
8.5…9.6
20
60
0.5
0.5
6
5.5
STZ8091A
3D1
8.58…9.02
STZ8091B
EK
8.87…9.33
STZ8091C
3F1
9.14…9.6
STZ8100
2B
5
9.4…10.6
30
60
0.5
0.1
7
6.4
STZ8100A
3H1
9.44…9.92
STZ8100B
8B
9.75…10.25
STZ8100C
3K1
10.07…10.59
STZ8110
2C
5
10.4…11.6
30
60
0.5
0.1
8
7.4
STZ8110A
3M1
10.4…10.94
STZ8110B
EN
10.73…11.28
STZ8110C
3P1
11.05…11.6
STZ8120
2D
5
11.4…12.7
30
80
0.5
0.1
9
8.4
STZ8120A
3R1
11.4…11.96
STZ8120B
8D
11.73…12.33
STZ8120C
3T1
12.06…12.68
STZ8130
2E
5
12.4…14.1
35
80
0.5
0.1
10
9.4
STZ8130A
3W1
12.4…12.99
STZ8130B
ER
12.73…13.4
STZ8130C
3Y1
13.25…14.08
STZ8140
3Z1
5
13.65…14.35
40
80
0.5
0.1
10
10
STZ8150
2F
5
13.9…15.6
40
80
0.5
0.1
11
11.4
STZ8150A
4B1
13.9…14.76
STZ8150B
EX
14.6…15.35
STZ8150C
4D1
14.95…15.6
STZ8160
2H
5
15.3…17.1
50
80
0.5
0.1
12
12.4
STZ8160A
4F1
15.3…16.09
STZ8160B
8H
15.7…16.5
STZ8160C
4H1
16.26…17.1
STZ8180
2J
5
16.9…19.1
60
80
0.5
0.1
13
14.4
STZ8180A
4K1
16.9…17.76
STZ8180B
8J
17.55…18.45
STZ8180C
4M1
18.2…19.1
STZ8200
2K
5
18.8…21.2
80
100
0.5
0.1
15
16.4
STZ8200A
4P1
18.85…19.81
STZ8200B
8K
19.5…20.5
STZ8200C
4R1
20.15…21.19
STZ8220
2M
5
20.8…23.3
80
100
0.5
0.1
17
18.4
STZ8220A
4T1
20.8…21.86
STZ8220B
8M
21.45…22.55
STZ8220C
4W1
22.1…23.24
STZ8000 Series
3
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com