Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-10-5 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-10-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-10-5 Datasheet(HTML) 4 Page - CUI INC

  VOF-10-5 Datasheet HTML 1Page - CUI INC VOF-10-5 Datasheet HTML 2Page - CUI INC VOF-10-5 Datasheet HTML 3Page - CUI INC VOF-10-5 Datasheet HTML 4Page - CUI INC VOF-10-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-10 │ DESCRIPTION: AC-DC POWER SUPPLY
date
09/20/2011 │ page 4 of 5
MECHANICAL DRAWING
18.5 0.728
1.0
+Vo
0.374
9.5
0.1
54.5
0.413
0.1
12.5
0.1
10.5
0.492
0.1
(2 PLCS)
2.146
0.043
1.1
(4 PLCS) 0.1
1.772
1.0
45.0
65.0 2.559
1.0
7.5 0.295
0.1
N
L
GND
0.039
1.0
(4 PLCS)
8.0 0.315
(4 PLCS)
tolerance:
±0.3mm unless otherwise specified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com