Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLD Datasheet(PDF) 34 Page - ITT Industries

Part # DLD
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD Datasheet(HTML) 34 Page - ITT Industries

Back Button DLD Datasheet HTML 30Page - ITT Industries DLD Datasheet HTML 31Page - ITT Industries DLD Datasheet HTML 32Page - ITT Industries DLD Datasheet HTML 33Page - ITT Industries DLD Datasheet HTML 34Page - ITT Industries DLD Datasheet HTML 35Page - ITT Industries DLD Datasheet HTML 36Page - ITT Industries DLD Datasheet HTML 37Page - ITT Industries DLD Datasheet HTML 38Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
33
ZIF Connectors
DL4
DL4 — Metal Frame — 624 Pin Connector — Crimp Contacts
Plug
Receptacle
Part Number
Nomenclature
110959-0002
DL4-624P
Part Number
Nomenclature
110960-0002
DL4-624R
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Actuating handle is part of completed
assembly.
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
76,20
(3.000)
89,28
(3.515)
MAX
111,76 (4.400)
104,14 (4.100)
MAX
122,44 (4.820)
MAX
5X Ø 4,60-4,19
(.181-.165)
101,85
(4.010)
MAX
18,42 (.725)
MAX
12,70
(.500)
44,45
(1.750)
5,08 (.200)
9,14 (.360)
4X R 12,70
(.500)
41,40
(1.630)
MAX
2,16 (.085)
MIN
9,52 (.375)
MAX
6,35 (.250)
MAX
R 7,62
(.300) MAX
20,32 (.800)
MAX
3,18 (.125)
10,01 (.394)
R 76,84 (3.025)
MAX
R 19,30 (.760)
MAX
76,20
(3.000)
111,76 (4.400)
122,44 (4.820)
MAX
12,70
(.500)
5X Ø 4,60-4,19
(.181-.165)
101,85
(4.010)
MAX
5,08 (.200)
44,45
(1.750)
4X R 12,70 (.500)
95,76
(3.770)
MAX
104,14 (4.100)
MAX
9,14 (.360)
21,59 (.850)
MAX
9,65 (.380)
MAX
3,18 (.125)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com