Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-M15KA-R Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # AS-M15KA-R
Description  Magnetic Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

AS-M15KA-R Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  AS-M15KA-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sensors
9
Magnetic Switch
AS-M15TA-R/AS-M15TB-R
(in mm)
0.95
0.95
2.9
±0.2
VSS
a
0.16
0.3
1.1 to 1.3
0 to 0.1
aa
VDD
OUT
a=0.4
+0.1
–0.05
Flat part 0.2 min.
Direction of magnetic field
AS-M15SA-R
(in mm)
4: VSS
1.20
±0.05
*1) General Tolerance: ±0.1mm
*2) The burr height of the terminal part
does not include it in dimensions.
*3) The burr height is less than 0.04mm
0.90
3: NC
4: VSS
0.24
0.50
±0.05
0.22
±0.05
3: NC
1: VDD
1: VDD
2: VOUT
2: VOUT
Direction of
magnetic field
0.05
S
S
AS-M15KA-R
(in mm)
4: VSS
2.00
±0.05
1.30
*1) General Tolerance: ±0.1mm
*2) The burr height of the terminal part
does not include it in dimensions.
*3) The burr height is less than 0.04mm.
1.30
±0.05
34
21
0.20
1.10
±0.05
0.30
±0.05
3: VSS
1: VDD
2: VOUT
Direction of
Magnetic Field
0.05
S
S
Part Number
Supply Voltage
Current Consumption
Operating Magnetic
Field (H->L)
Operating Magnetic
Field (L->H)
Operating
Temperature Range
(
°C)
Storage
Temperature Range
(
°C)
AS-M15TA-R
1.6 to 3.5V
1.6 to 3.0
µA
1.5 to 2.2mT
0.8 to 1.2mT
-40 to +85
-50 to +125
AS-M15TB-R
3.6 to 6.0V
1.6 to 3.0
µA
1.5 to 2.2mT
0.8 to 1.2mT
-40 to +85
-50 to +125
AS-M15SA-R
1.6 to 6.0V
1.6 to 3.0
µA
1.5 to 2.2mT
0.5 to 1.2mT
-40 to +85
-50 to +125
AS-M15KA-R
1.6 to 6.0V
1.6 to 3.0
µA
1.5 to 2.2mT
0.5 to 1.2mT
-40 to +85
-50 to +125
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Similar Part No. - AS-M15KA-R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AS-MBKT-085 SCHNEIDER-AS-MBKT-085 Datasheet
42Kb / 1P
Modicon Quantum - Modbus Plus female SUBD 9 connector
Sep 13, 2021
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
Air Quality Sensor
More results

Similar Description - AS-M15KA-R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9970 AKM-AK9970 Datasheet
102Kb / 5P
3-axis Magnetic Sensor with Programmable Switch
AK09970 AKM-AK09970 Datasheet
102Kb / 5P
3-axis Magnetic Sensor with Programmable Switch
logo
ALPS ELECTRIC CO.,LTD.
HGDVST021A ALPS-HGDVST021A Datasheet
385Kb / 14P
Magnetic Switch
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
Magnetic Magnetic
logo
Asahi Kasei Microsystem...
AK09970N AKM-AK09970N Datasheet
530Kb / 45P
3D Magnetic Sensor with Programmable Switch
logo
SparkFun Electronics
COM-13247 SPARKFUN-COM-13247 Datasheet
69Kb / 1P
Magnetic Door Switch Set COM-13247
5-15-17
logo
NXP Semiconductors
NMH1000 NXP-NMH1000 Datasheet
593Kb / 34P
Magnetic switch
Rev. 1 - 3 March 2023
logo
MultiDimension Technolo...
TMR1362S MULTIDIMENSION-TMR1362S Datasheet
1Mb / 12P
NanoAmpere Fast Response Omnipolar Magnetic Switch Sensor
logo
Advantech Co., Ltd.
LEO-S59 ADVANTECH-LEO-S59_V02 Datasheet
501Kb / 3P
LoRaWAN Magnetic Switch
19-May-2023
logo
NXP Semiconductors
NMH1000 NXP-NMH1000_V01 Datasheet
578Kb / 34P
Magnetic switch
Rev. 3 - 18 October 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com