Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G125GF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G125GF
Description  Dual bus buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G125GF Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G125GF Datasheet HTML 1Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 2Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 3Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 4Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 1 December 2011
2 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G125DP
40 Cto+125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G125DC
40 Cto+125 C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC2G125GT
40 Cto+125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
 1.95  0.5 mm
SOT833-1
74LVC2G125GF
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
 1  0.5 mm
SOT1089
74LVC2G125GD
40 Cto+125 C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
 2  0.5 mm
SOT996-2
74LVC2G125GM
40 Cto+125 C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
 1.6  0.5 mm
SOT902-1
74LVC2G125GN
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2
 1.0  0.35 mm
SOT1116
74LVC2G125GS
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
 1.0  0.35 mm
SOT1203
Table 2.
Marking codes
Type number
Marking code[1]
74LVC2G125DP
V25
74LVC2G125DC
V25
74LVC2G125GT
V25
74LVC2G125GF
VM
74LVC2G125GD
V25
74LVC2G125GM
V25
74LVC2G125GN
VM
74LVC2G125GS
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com