Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211BS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTL04DP211BS
Description  DisplayPort 2 : 1 multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL04DP211BS Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTL04DP211BS Datasheet HTML 1Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 2Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 3Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 4Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 March 2011
2 of 17
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
3.
Applications
Motherboard applications requiring (embedded) DisplayPort switching/multiplexing
Docking stations
Notebook computers
Chip sets requiring flexible allocation of DisplayPort I/O pins to board connectors
4.
Ordering information
[1]
Total height after printed-circuit board mounting = 1 mm (maximum).
5.
Marking
[1]
Industrial temperature range.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
CBTL04DP211BS
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 3
 6  0.85 mm[1]
SOT1185-1
Table 2.
Package marking
Line
Marking
Description
A
04DP211[1]
basic type number
B
xxxxxxx
diffusion lot number
C
ZPGyyww
manufacturing code:
Z = diffusion site
P = assembly site
G = lead-free
yy = year code
ww = week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com