Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF05
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05 Datasheet(HTML) 5 Page - STMicroelectronics

  STEF05 Datasheet HTML 1Page - STMicroelectronics STEF05 Datasheet HTML 2Page - STMicroelectronics STEF05 Datasheet HTML 3Page - STMicroelectronics STEF05 Datasheet HTML 4Page - STMicroelectronics STEF05 Datasheet HTML 5Page - STMicroelectronics STEF05 Datasheet HTML 6Page - STMicroelectronics STEF05 Datasheet HTML 7Page - STMicroelectronics STEF05 Datasheet HTML 8Page - STMicroelectronics STEF05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STEF05
Maximum ratings
Doc ID 019055 Rev 4
5/20
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Positive power supply voltage (steady state)
-0.3 to 10
V
Positive power supply voltage (max 100 ms)
-0.3 to 15
VOUT/source
(max 100 ms)
-0.3 to Vcc+0.3
V
I-Limit
(max 100 ms)
-0.3 to 15
V
En/Fault
-0.3 to 7
V
dv/dt
-0.3 to 7
V
Top
Operating junction temperature range (1)
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
1.
The thermal limit is set above the maximum thermal rating. It is not recommended to operate the device at temperatures
greater than the maximum ratings for extended periods of time.
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
52.7
°C/W
RthJC
Thermal resistance junction-case
17.4
°C/W
Table 5.
ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection
HBM
2
kV
MM
150
V
CDM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com