Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 45LR
Description  Standard Recovery Diodes (Stud Version), 150 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

45LR Datasheet(HTML) 3 Page - Vishay Siliconix

  45LR Datasheet HTML 1Page - Vishay Siliconix 45LR Datasheet HTML 2Page - Vishay Siliconix 45LR Datasheet HTML 3Page - Vishay Siliconix 45LR Datasheet HTML 4Page - Vishay Siliconix 45LR Datasheet HTML 5Page - Vishay Siliconix 45LR Datasheet HTML 6Page - Vishay Siliconix 45LR Datasheet HTML 7Page - Vishay Siliconix 45LR Datasheet HTML 8Page - Vishay Siliconix 45LR Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93489
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 21-May-08
3
45L(R), 150K(R), 150KS(R) Series
Standard Recovery Diodes
(Stud Version), 150 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.031
0.023
TJ = TJ maximum
K/W
120°
0.038
0.040
90°
0.048
0.053
60°
0.071
0.075
30°
0.120
0.121
140
150
160
170
180
190
200
0
20406080
100 120 140 160
30°
60°
90°
120°
180°
Cond uction Angle
Average Forward Current (A)
45L...,150... Series
R
(DC) = 0.25 K/ W
thJC
140
150
160
170
180
190
200
0
50
100
150
200
250
DC
30°
60°
90°
120°
180°
Cond uction Period
Average Forward Current (A)
45L..., 150... Series
R
(DC) = 0.25 K/ W
thJC
25
50
75
100
125
150
175
200
Maximum Allowa ble Ambient Temperature (°C)
0.8
K/W
1.5
K/ W
2 K/
W
3 K/ W
1
K/W
160
0
20
40
60
80
100
120
140
160
180
0
40
80
120
RMSLimit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
45L..., 150... Series
T = 200°C
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com