Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES07B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES07B
Description  Small Surface Mount Ultrafast Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES07B Datasheet(HTML) 2 Page - Vishay Siliconix

  ES07B_12 Datasheet HTML 1Page - Vishay Siliconix ES07B_12 Datasheet HTML 2Page - Vishay Siliconix ES07B_12 Datasheet HTML 3Page - Vishay Siliconix ES07B_12 Datasheet HTML 4Page - Vishay Siliconix ES07B_12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85737
Rev. 1.9, 20-Aug-10
ES07B, ES07D
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Pulse test, 300 μs pulse with 1 % duty cycle
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air 1)
RthJA
180
K/W
Operating junction and storage
temperature range
Tj, Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Maximum instantaneous
forward voltage
1 A 1)
VF
0.98
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
µA
TA = 100 °C
IR
50
µA
Reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
25
ns
Typical capacitance
4 V, 1 MHz
Cj
4pF
Figure 1. Typical Forward Characteristics
Figure 2. Forward Current Derating Curve
0.001
1
0.1
0.01
10
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
18242
V
F (V)
Typical at 150 °C
Typical at 100 °C
Typical at 25 °C
0
1.2
1.0
0.8
0.4
0.6
0.2
1.4
050
25
75
100
125
150
18243
Temperature (Ambient or Tie) (°C)
Ambient temperature
Tie point temperature
Figure 3. Typ. Diode Capacitance vs. Reverse Voltage
Figure 4. Typical Reverse Characteristics
0
6
5
4
2
3
1
7
0.1
1
10
100
18244
V
R (V)
f = 1 MHz
040
80
120
160
200
V
R (V)
1000
100
10
1
0.1
0.01
18245
T
j = - 50 °C
T
j = 150 °C
T
j = 25 °C
T
j = 50 °C
T
j = 75 °C
T
j = 100 °C
T
j = 125 °C
T
j = 0 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com