Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR601 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # FR601
Description  6.0AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

FR601 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  FR601 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd FR601 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR601 THRU FR607
6.0AMP FAST RECOVERY RECTIFIERS
VOLTAGE RANGE: 50 to 1000 VOLTS
FEATURES
R-6
. Low cost
. Diffused junction
. Low Leakage
φ 0.36( 9.1 )
φ 0.052 ( 1.3 )
φ 0.34 ( 8.6 )
. Low forward voltage drop
φ 0.048 ( 1.2 )
. High current capability
. Easily cleaned with Freon. Alcohol. Lsopropanol
and similar solvents
. The plastic material carries U/L recognition 94V-O
0.36(9.1)
MECHANICAL DATA
0.34(8.6)
1.0 ( 25.4 )
1.0 ( 25.4 )
. Case: JEDEC R-6. molded plastic
. Terminals: Axial leads. Solderable per MIL - STD - 202.
Method 208
inch ( mm )
. Polarity: Color band denotes cathode
. Weight: 0.074 ounce. 2.1 grams
. Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ℃ ambient temperature unless otherwise specified.
Single phase half wave 60HZ. resistive or inductive load. For capacitive load current derate
by 20%
SYMBOL
FR601
FR602
FR603
FR604
FR605
FR606
FR607
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
I(AV)
6.0
A
9.5mm Lead Length. TA = 55℃
Peak Forward Surge Current
IFSM
200
A
8.3ms Single half-sine-wave superimposed
on rated load
Maximum Forward Voltage at 6.0A DC
VF
1.3
V
Maximum Reverse Current
TA = 25℃
IR
10.0
μA
at Rated DC Blocking Voltage TA = 100℃
200.0
500
ns
Typical Junction Capacitance ( Note 2 )
Cj
55
pF
Maximum Reverse Recovery Time (Note 1)
trr
150
250
Operating Junction Temperature Range
Tj
55 to 125
℃
Storage Temperature Range
TSTG
55 to 150
℃
NOTE: 1.Measured with IF=0.5A,IR=1A,Irr=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
TIGER ELECTRONIC CO.,LTD


Similar Part No. - FR601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR601 RECTRON-FR601 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR601 JGD-FR601 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR601

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF61R SECOS-SF61R Datasheet
183Kb / 2P
6.0AMP Super Fast Rectifiers
FR601G SECOS-FR601G_15 Datasheet
244Kb / 2P
6.0Amp Glass Passivated Fast Recovery Rectifiers
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20 SECOS-S6GBU20_15 Datasheet
225Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
SM620D SECOS-SM620D_15 Datasheet
272Kb / 2P
6.0Amp. Schottky Barrier Rectifiers
S6GBJ20-C SECOS-S6GBJ20-C Datasheet
217Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
FR601G SECOS-FR601G Datasheet
244Kb / 2P
Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com