Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM100GD120DN2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSM100GD120DN2
Description  IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM100GD120DN2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSM100GD120DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM100GD120DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
Jul-17-1996
BSM 100 GD 120 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Gate threshold voltage
VGE = VCE, IC = 4 mA
VGE(th)
4.5
5.5
6.5
V
Collector-emitter saturation voltage
VGE = 15 V, IC = 100 A, Tj = 25 °C
VGE = 15 V, IC = 100 A, Tj = 125 °C
VCE(sat)
-
-
3.1
2.5
3.7
3
Zero gate voltage collector current
VCE = 1200 V, VGE = 0 V, Tj = 25 °C
VCE = 1200 V, VGE = 0 V, Tj = 125 °C
ICES
-
-
6
1.5
-
2
mA
Gate-emitter leakage current
VGE = 20 V, VCE = 0 V
IGES
-
-
400
nA
AC Characteristics
Transconductance
VCE = 20 V, IC = 100 A
gfs
54
-
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
6.5
-
nF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
1
-
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
0.5
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com