Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU601 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KBU601
Description  6.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KBU601 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KBU601 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KBU601 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KBU601 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBU600 – KBU610
1 of 3
© 2002 Won-Top Electronics
KBU600 – KBU610
6.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
A
!
Low Forward Voltage Drop
B
C
!
High Current Capability
D
!
High Reliability
!
High Surge Current Capability
K
L
!
Ideal for Printed Circuit Boards
- ~ ~ +
E
!
UL Recognized File # E157705
J
G
Mechanical Data
!
Case: Molded Plastic
H
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
!
Weight: 8.0 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
N
P
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBU
600
KBU
601
KBU
602
KBU
604
KBU
606
KBU
608
KBU
610
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
250
A
Forward Voltage (per element)
@IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 1)
I2t
166
A2s
Typical Thermal Resistance (Note 2)
RJC
4.2
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
KBU
Dim
Min
Max
A
22.70
23.70
B
3.80
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
6.80
H
4.60
5.60
J
25.40
—
K
—
19.30
L
16.80
17.80
M
6.60
7.10
N
4.70
5.20
P
1.20
1.30
All Dimensions in mm
TIGER ELECTRONIC CO.,LTD


Similar Part No. - KBU601

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Won-Top Electronics
KBU601 WTE-KBU601 Datasheet
42Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU601 JGD-KBU601 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU601 FUJI-KBU601 Datasheet
719Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBU601 LRC-KBU601 Datasheet
52Kb / 2P
6.0A BRIDGE RECTIFIERS
More results

Similar Description - KBU601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
UG6KB05 ZSELEC-UG6KB05_V01 Datasheet
105Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com