Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R05F Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # KIA78R05F
Description  1A Low Dropout Voltage Regulator With ON/OFF Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R05F Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  KIA78R05F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R05F Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R05F Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R05F Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R05F Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R05F Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R05F Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KIA78RXX
4/7
TEST CI RCUI T
Standard Test Circuit
Ripple Rejection Test Circuit
Note1
Note2
Note3
KIA78R 25
VIN=4.5V
Vin=3.5~ 9.5V
KIA78R 33
Vin=5.0V
Vin=4.3~ 1 0 .3V
KIA78R 05
Vin=7.0V
Vi n=6~1 2 V
KIA78R 06
Vin=8.0V
Vi n=7~1 5 V
KIA78R 08
Vin=10V
Vi n=9~2 5 V
KIA78R 09
Vin=15V
Vi n=10~ 25 V
KIA78R 10
Vin=16V
Vi n=11 ~ 2 6 V
KIA78R 12
Vin=18V
Vi n=13~ 29 V
KIA78R 15
Vin=21V
Vi n=16~ 32 V
Vout=0.9 5 Vo
KIA78RXX
KIA78RXX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com