Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KASMC18A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 5KASMC18A
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KASMC18A Datasheet(HTML) 1 Page - Vishay Siliconix

  5KASMC18A Datasheet HTML 1Page - Vishay Siliconix 5KASMC18A Datasheet HTML 2Page - Vishay Siliconix 5KASMC18A Datasheet HTML 3Page - Vishay Siliconix 5KASMC18A Datasheet HTML 4Page - Vishay Siliconix 5KASMC18A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89432
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
5KASMC10A thru 5KASMC43A
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.
FEATURES
• Junction
passivation
optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high reliability
and automotive requirement
• Available in uni-directional polarity only
• 5000 W peak pulse power capability with a 10/1000 μs
waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base P/NHM3 - halogen-free, RoHS compliant, and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Note
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
PRIMARY CHARACTERISTICS
VWM
10 V to 43 V
PPPM (10 x 1000 μs)
5000 W
PD at TM = 50 °C
6.5 W
TJ max.
185 °C
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 μs waveform (fig. 3)
PPPM (1)
5000
W
Peak power pulse current with a 10/1000 μs waveform (fig. 1)
IPPM (1)
See next table
A
Power dissipation on infinite heatsink, TM = 50 °C
PD
6.5
W
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - 5KASMC18A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KASMC18A VISHAY-5KASMC18A Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Jan-18
More results

Similar Description - 5KASMC18A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC13AHE3-57T VISHAY-3KASMC13AHE3-57T Datasheet
93Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Dec-12
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
05-Oct-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
20-Mar-15
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
24-Mar-15
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
26-Oct-2021
TA6F51A VISHAY-TA6F51A Datasheet
112Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
16-Apr-2020
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
17-Sep-2021
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
Surface-Mount PAR® Transient Voltage Suppressors
19-Apr-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com