Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS193 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 1SS193
Description  SOT-23 Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1SS193 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  1SS193 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1SS193 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
020
40
60
80
1
10
100
1000
0
5
10
15
20
0.8
0.9
1.0
1.1
1.2
Forward
Characteristics
Reverse
Characteristics
Power Derating Curve
AMBIENT TEMPERATURE Ta ( )
℃
30
0.03
0.3
3
300
1SS193
Typical Characteristics
FORWARD VOLTAGE
V
F
(V)
Ta=100℃
Ta=25℃
REVERSE VOLTAGE V
R
(V)
30
3
Ta=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
A,May,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com