Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA950 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 2SA950
Description  TO-92 Plastic-Encapsulate Transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SA950 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2SA950 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SA950 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-0.1
-1
-10
1
10
100
-10
-100
1
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
-1
-10
-100
-100
-1000
-1
-10
-100
-10
-100
-1000
-1
-10
-100
10
100
1000
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-50
-100
-150
-200
-250
I
C
——
V
BE
BASE-EMMITER VOLTAGE V
BE (V)
COMMON EMITTER
V
CE=-1V
-800
2SA950
Typical Characterisitics
C
ib
C
ob
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE V (V)
-2
I
C
f
T
——
COLLECTOR CURRENT I
C
(mA)
V
CE= -5V
T
a=25
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
-2000
-800
β=25
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
-800
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
β=25
T
a=25
T
a=100
COMMON EMITTER
T
a=25
-800
T
a=100
T
a=25
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-1V
h
FE
——
-1.0mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-20
-0.2mA
I
B=-0.1mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
B,Nov,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com