Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD882 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SD882
Description  It is intented for use in power amplifier and switching applications.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SD882 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SD882 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
40
V
Collector-Emitter Voltage
V
CEO
30
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current
I
C
3.0
A
Base Current
I
B
0.3
A
Total Dissipation at
P
tot
10
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SD882 / 2SB772
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICEO
V
CB=30V, IE=0
0.01
mA
Emitter Cut-off Current
IEBO
V
EB=3V, IC=0
0.01
mA
Collector-Emitter Sustaining Voltage
VCEO
I
C=10mA, IB=0
30
V
DC Current Gain
hFE(1)
V
CE=2V, IC=20mA
30
150
hFE(2)
V
CE=2V, IC=1.0A
60
160
400
Collector-Emitter Saturation Voltage
VCE(sat) I
C=2A,IB=200mA
0.3
0.5
V
Base-Emitter Saturation Voltage
VBE(sat) I
C=2A,IB=200mA
1.0
2.0
V
Current Gain Bandwidth Product
fT
V
CE=5V,IC=100mA
90
MHz
It is intented for use in power
amplifier and switching applications.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-126
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SD882

ManufacturerPart #DatasheetDescription
logo
NEC
2SD882 NEC-2SD882 Datasheet
165Kb / 2P
NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
logo
Weitron Technology
2SD882 WEITRON-2SD882 Datasheet
263Kb / 5P
PNP/NPN Epitaxial Planar Transistors
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
2SD882 STMICROELECTRONICS-2SD882 Datasheet
109Kb / 8P
NPN medium power transistor
02-Oct-2007
logo
Guangdong Kexin Industr...
2SD882 KEXIN-2SD882 Datasheet
51Kb / 1P
NPN Silicon Power Transistor
More results

Similar Description - 2SD882

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB834 TGS-2SB834 Datasheet
74Kb / 1P
It is intented for use in power amplifier and switching applications.
2SB1151 TGS-2SB1151 Datasheet
59Kb / 1P
It is intented for use in power amplifier and switching applications.
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
Toshiba Semiconductor
RN1544-A TOSHIBA-RN1544-A Datasheet
269Kb / 4P
For use in Muting and Switching Applications
logo
Kingtronics Internation...
MMBT3904 KINGTRONICS-MMBT3904 Datasheet
569Kb / 2P
For switching and amplifier applications
MMBT3906 KINGTRONICS-MMBT3906 Datasheet
495Kb / 2P
For switching and amplifier applications
MMBT8050 KINGTRONICS-MMBT8050 Datasheet
313Kb / 2P
For switching and amplifier applications
MMBT8550 KINGTRONICS-MMBT8550 Datasheet
436Kb / 2P
For switching and amplifier applications
MMBT9012 KINGTRONICS-MMBT9012 Datasheet
290Kb / 2P
For switching and amplifier applications
MMBT9013 KINGTRONICS-MMBT9013 Datasheet
327Kb / 2P
For switching and amplifier applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com