Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815LT1 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC1815LT1
Description  SOT-23 Plastic-Encapsulate Transistors (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC1815LT1 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC1815LT1 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SC1815LT1 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23
Plastic-Encapsulate Transistors
2SC1815LT1 TRANSISTOR (NPN)
FEATURES
Power dissipation
MARKING : C1815=HF
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
200
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100uA,
IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 0.1mA, IB=0
50
V
Collector cut-off current
ICEO
VCE=50V, IB=0
0.1
uA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
uA
DC current gain
hFE
VCE= 6V, IC= 2mA
130
400
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 10mA
1
V
Transition frequency
fT
VCE=10V, IC= 1mA,
f=30MHz
80
MHz
CLASSIFICATION
OF
hFE
Rank
L
H
Range
130-200
200-400
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
uA
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC1815LT1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
2SC1815LT1 WINNERJOIN-2SC1815LT1 Datasheet
67Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
2SC1815LT1 WINNERJOIN-2SC1815LT1_15 Datasheet
67Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SC1815LT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
S8050 TGS-S8050 Datasheet
237Kb / 2P
SOT-23 Plastic-Encapsulate Transistors (NPN)
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com