Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2236 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC2236
Description  TO-92L Plastic-Encapsulate Transistors (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC2236 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC2236 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92L Plastic-Encapsulate Transistors
2SC2236
TRANSISTOR (NPN)
FEATURE
Complementary to 2SA966 and 3 Watts
Output Applications.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Power Dissipation
0.9
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55
~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 1mA , IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA ,
IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB=30V ,
IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V ,
IC=0
0.1
µA
DC current gain
hFE
VCE=2 V,
IC= 500mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC= 1.5 A, IB= 0.03A
2
V
Base-emitter voltage
VBE
IC= 500 mA,
VCE= 2V
1
V
Transition frequency
f T
VCE= 2V, IC= 500mA
120
MHz
Collector output Capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
30
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
TO-92L
1. EMITTER
2. COLLECTOR
3. BASE
A,Jun,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC2236

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2236 TOSHIBA-2SC2236 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SC2236 TOSHIBA-2SC2236 Datasheet
111Kb / 4P
Silicon NPN Epitaxial Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2236 WINNERJOIN-2SC2236 Datasheet
124Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2236 FOSHAN-2SC2236 Datasheet
959Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2236

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SC1383 TGS-2SC1383 Datasheet
200Kb / 3P
TO-92L Plastic-Encapsulate Transistors (NPN)
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
TO-92L Plastic-Encapsulate Transistors
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com