Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD560 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SD560
Description  NPN Silicon Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SD560 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SD560 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
Parameter
l
Value
Unit
Collector-Base Voltage
V
CBO
150
V
Collector-Emitter Voltage
V
CEO
100
V
Emitter-Base Voltage
V
EBO
7.0
V
Collector Current
I
C
5.0
A
Base Current
I
B
0.5
A
Total Dissipation at
P
tot
30
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SD560
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CBO
V
CB=100V, IE=0
—
—
1.0
uA
Emitter Cut-off Current
I
EBO
V
EB=7.0V, IC=0
—
—
10
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=30mA, IB=0
100
—
—
V
DC Current Gain
h
FE(1)
V
CE=2.0V, IC=3.0A
2000
—
15000
h
FE(2)
V
CE=2.0V, IC=5.0A
500
—
—
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=3.0A,IB=3.0mA
—
—
1.5
V
Base Saturation Voltage
V
BE(sat)
I
C=3.0A,IB=3.0mA
—
—
2.0
V
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=500mA
4.0
—
—
MHz
NPN Silicon Power Ttransistors
Product specification
The 2SD560 is a mold power transistor developed for lowfrequency
power amplifiers and low-speed switching. This transistor is
ideal for direct driving from the IC output of devices such as pulse
motor drivers and relay drivers, and PC terminals.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD
hFE Classification
classification
hFE1
R
O
Y
2000~5000
3000~7000
5000~15000


Similar Part No. - 2SD560

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
2SD560 FUJITSU-2SD560 Datasheet
209Kb / 3P
SILICON NPN EPITAXIAL DARLINGTON TRANSISTOR (5 AMP, 100 VOLT)
logo
NEC
2SD560 NEC-2SD560 Datasheet
90Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
logo
Savantic, Inc.
2SD560 SAVANTIC-2SD560 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Kwang Myoung I.S. CO.,L...
2SD560 KISEMICONDUCTOR-2SD560 Datasheet
6Mb / 3P
Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD560

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BUV48A TGS-BUV48A Datasheet
96Kb / 1P
NPN Silicon High Power Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
2SD288 TGS-2SD288 Datasheet
3Mb / 1P
Silicon NPN Power Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
2SC3835Y TGS-2SC3835Y Datasheet
204Kb / 1P
Silicon NPN Switching Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com