Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6208F Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # BA6208F
Description  REVERSIBLE MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BA6208F Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  BA6208F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BA6208F Datasheet HTML 2Page - Tiger Electronic Co.,Ltd BA6208F Datasheet HTML 3Page - Tiger Electronic Co.,Ltd BA6208F Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA6208/BA6208F
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
Characteristic
Symbol
Value
Unit
Power Supply Vo ltage
Vcc
18
V
Maximu m Output Current
Io
500
mA
Power Dissipation
P D
700
mW
Operating Temp erature
Topr
-20~60
°C
Storage Temp erature
Ts tg
-55~125
°C
Note: Reduced by 7 mW for each increase in Ta of 1
°C over 25°C
ELECTRICAL CHARACTERISTICS
(unless otherwise specified: Ta =25
°C, Vcc=9V)
Characteristics
Test conditions
Sy mbol
Min.
Ty p.
Max.
Unit
Output Current
Io
200
mA
Output saturation voltage
Io=100mA
V CE
1.0
1.6
V
Input high level voltage
V IH
2.0
V
Input low level voltage
V IL
0.8
V
Standby supply current
When input A and
B both LOW level
I ST
0.4
mA
Input high level current
V IH =4.5V
I IH
250
400
µA
A diode t h at absorbs at least 500 m A is built i n t o give prote c tion agai ns t surg e
currents with a pulse width of 10 ms and a duty ratio of 10% or less.
RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
Parame ter
Sy mbol
Min.
Ty p.
Max.
Unit
Power supply voltage
Vcc
4.5
15
V
INPUT TRUTH TABLE
3pin (Ain)
2pin (Bin)
8pin (Aout)
7pin (Aout)
H
L
H
L
L
H
L
H
H
H
L
L
L
L
OPEN
OPEN
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com