Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC338 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BC338
Description  TO-92 Plastic-Encapsulate Transistors (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BC338 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BC338 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
BC337/BC338
TRANSISTOR
(NPN)
FEATURES
Power dissipation
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC337
BC338
50
30
V
VCEO
Collector-Emitter Voltage
BC337
BC338
45
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
800
mA
PD
Total Device Dissipation
625
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BC337
BC338
VCBO
IC= 100uA, IE=0
50
30
V
V
Collector-emitter breakdown voltage
BC337
BC338
VCEO
IC= 10mA ,
IB=0
45
25
V
V
Emitter-base breakdown voltage
VEBO
IE= 10uA, IC=0
5
V
Collector cut-off current
BC337
BC338
ICBO
VCB= 45V, IE=0
VCB= 25V, IE=0
0.1
0.1
uA
Collector cut-off current
BC337
BC338
ICEO
VCE= 40V, IB=0
VCE= 20V, IB=0
0.2
0.2
uA
Emitter cut-off current
IEBO
VEB= 4 V, IC=0
0.1
uA
BC337/BC338
BC337-16/BC338-16
BC337-25/BC338-25
BC337-40/BC338-40
hFE(1)
VCE=1V, IC= 100mA
100
100
160
250
630
250
400
630
DC current gain
hFE(2)
VCE=1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB=50mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC= 300mA
1.2
V
Transition frequency
f T
VCE= 5V, IC= 10mA
f = 100MHz
210
MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0
f=1MHZ
15
pF
TO-92
1. COLLECTOR
2.BASE
3. EMITTER
A,May,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BC338

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
Amplifier Transistor
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC338 SIEMENS-BC338 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
General Semiconductor
BC338 GE-BC338 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
More results

Similar Description - BC338

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2N2222A TGS-2N2222A Datasheet
141Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC945 TGS-2SC945 Datasheet
200Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC1674 TGS-2SC1674 Datasheet
243Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC2120 TGS-2SC2120 Datasheet
242Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC546 TGS-BC546 Datasheet
304Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3198 TGS-KTC3198 Datasheet
123Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3202 TGS-KTC3202 Datasheet
300Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3203 TGS-KTC3203 Datasheet
305Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
SS8050 TGS-SS8050 Datasheet
289Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com