Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC558 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BC558
Description  TO-92 Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BC558 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BC558 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
BC556/BC557/BC558
TRANSISTOR (PNP)
FEATURES
High Voltage
Complement to BC546/BC547/BC548
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC556
BC557
BC558
-80
-50
-30
V
VCEO
Collector-Emitter Voltage
-65
-45
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-100
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
BC556
BC557
BC558
VCBO
IC= -100μA, IE=0
-80
-50
-30
V
Collector-emitter breakdown voltage
BC556
BC557
BC558
VCEO
IC= -2mA , IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
BC556
BC557
BC558
ICBO
VCB=- 70 V, IE=0
VCB= -45 V, IE=0
VCB= -25V, IE=0
-0.1
μA
Collector cut-off current
BC556
BC557
BC558
ICEO
VCE= -60 V, IB=0
VCE= -40 V, IB=0
VCE= -25 V, IB=0
-0.1
μA
Emitter cut-off current
BC556
BC557
BC558
IEBO
VEB= -5 V, IC=0
-0.1
μA
DC current gain
BC556
BC557
BC558
BC557A
BC556B/BC557B/BC558B
BC557C
hFE
VCE=-5V, IC= -2mA
120
120
120
120
180
420
800
800
800
220
460
800
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -5mA
-0.65
V
Base-emitter saturation voltage
VBE(sat)
IC= -100mA, IB=-5mA
-1
V
Transition frequency
f T
VCE= -5V, IC= -10mA
f = 100MHz
150
MHz
TO-92
1. COLLECTOR
2. BASE
3. EMITTER
A,May,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BC558

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BC558 SEMTECH-BC558 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC558 SIEMENS-BC558 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BC558 BOCA-BC558 Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
General Semiconductor
BC558 GE-BC558 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC558 KEC-BC558 Datasheet
279Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - BC558

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com