Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20TQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20TQ035PBF
Description  Schottky Rectifier, 20 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20TQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  20TQ035PBF_12 Datasheet HTML 1Page - Vishay Siliconix 20TQ035PBF_12 Datasheet HTML 2Page - Vishay Siliconix 20TQ035PBF_12 Datasheet HTML 3Page - Vishay Siliconix 20TQ035PBF_12 Datasheet HTML 4Page - Vishay Siliconix 20TQ035PBF_12 Datasheet HTML 5Page - Vishay Siliconix 20TQ035PBF_12 Datasheet HTML 6Page - Vishay Siliconix 20TQ035PBF_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-20TQ0..PbF Series, VS-20TQ0..-N3
www.vishay.com
Vishay Semiconductors
Revision: 26-Aug-11
1
Document Number: 94167
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 20 A
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-20TQ... Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
TO-220AC
IF(AV)
20 A
VR
35 V, 40 V, 45 V
VF at IF
0.51 V
IRM max.
105 mA at 125 °C
TJ
150 °C
Diode variation
Single die
EAS
27 mJ
Anode
1
3
Cathode
Base
cathode
2
TO-220AC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 μs sine
1800
A
VF
20 Apk, TJ = 125 °C
0.51
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
20TQ035PbF
VS-
20TQ035-N3
VS-
20TQ040PbF
VS-
20TQ040-N3
VS-
20TQ045PbF
VS-
20TQ045-N3
UNITS
Maximum DC
reverse voltage
VR
35
35
40
40
45
45
V
Maximum working
peak reverse
voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 116 °C, rectangular waveform
20
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1800
10 ms sine or 6 ms rect. pulse
400
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 4 A, L = 3.4 mH
27
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
4A


Similar Part No. - 20TQ035PBF_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20TQ035PBF IRF-20TQ035PBF Datasheet
282Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
logo
Vishay Siliconix
20TQ035PBF VISHAY-20TQ035PBF Datasheet
121Kb / 6P
Schottky Rectifier, 20 A
05-Jun-08
More results

Similar Description - 20TQ035PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
Schottky Rectifier, 20 A
14-Aug-08
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
Schottky Rectifier, 20 A
25-Jun-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
Schottky Rectifier, 20 A
22-Aug-08
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
Schottky Rectifier, 20 A
14-Aug-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
Schottky Rectifier, 20 A
15-Aug-08
20TQ035SPBF VISHAY-20TQ035SPBF_10 Datasheet
112Kb / 6P
Schottky Rectifier, 20 A
12-Mar-10
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
Schottky Rectifier, 20 A
12-Mar-10
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com