Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40CPQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40CPQ035PBF
Description  Schottky Rectifier, 2 x 20 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CPQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  40CPQ035PBF Datasheet HTML 1Page - Vishay Siliconix 40CPQ035PBF Datasheet HTML 2Page - Vishay Siliconix 40CPQ035PBF Datasheet HTML 3Page - Vishay Siliconix 40CPQ035PBF Datasheet HTML 4Page - Vishay Siliconix 40CPQ035PBF Datasheet HTML 5Page - Vishay Siliconix 40CPQ035PBF Datasheet HTML 6Page - Vishay Siliconix 40CPQ035PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-40CPQ0...PbF Series, VS-40CPQ0...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 31-Aug-11
1
Document Number: 94208
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 x 20 A
FEATURES
• 150 °C TJ operation
• Very low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-40CPQ... center tap Schottky rectifier has been
optimized for very low forward voltage drop with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
TO-247AC
IF(AV)
2 x 20 A
VR
35 V, 40 V, 45 V
VF at IF
0.43 V
IRM max.
150 mA at 125 °C
TJ max.
150 °C
Diode variation
Common cathode
EAS
27 mJ
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
TO-247AC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
40
A
VRRM
35 to 45
V
IFSM
tp = 5 μs sine
3500
A
VF
20 Apk, TJ = 125 °C (per leg)
0.43
V
TJ
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
40CPQ035PbF
VS-
40CPQ035-N3
VS-
40CPQ040PbF
VS-
40CPQ040-N3
VS-
40CPQ045PbF
VS-
40CPQ045-N3
UNITS
Maximum DC reverse
voltage
VR
35
35
40
40
45
45
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 120 °C, rectangular waveform
40
A
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
3500
10 ms sine or 6 ms rect. pulse
430
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 4 A, L = 3.4 mH
27
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
4A


Similar Part No. - 40CPQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
More results

Similar Description - 40CPQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ050 VISHAY-40CPQ050 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ080PBF VISHAY-40CPQ080PBF Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40L15CTSPBF VISHAY-40L15CTSPBF Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
43CTQ080GS VISHAY-43CTQ080GS Datasheet
131Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
43CTQ080SPBF VISHAY-43CTQ080SPBF Datasheet
131Kb / 6P
Schottky Rectifier, 2 x 20 A
29-Jul-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
Schottky Rectifier, 2 x 20 A
14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com