Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CTQ035PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 60CTQ035PBF
Description  Schottky Rectifier, 2 x 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CTQ035PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  60CTQ035PBF_12 Datasheet HTML 1Page - Vishay Siliconix 60CTQ035PBF_12 Datasheet HTML 2Page - Vishay Siliconix 60CTQ035PBF_12 Datasheet HTML 3Page - Vishay Siliconix 60CTQ035PBF_12 Datasheet HTML 4Page - Vishay Siliconix 60CTQ035PBF_12 Datasheet HTML 5Page - Vishay Siliconix 60CTQ035PBF_12 Datasheet HTML 6Page - Vishay Siliconix 60CTQ035PBF_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-60CTQ...PbF Series, VS-60CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
4
Document Number: 94239
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
70
030
IF(AV) - Average Forward Current (A)
100
140
80
120
20
15
10
5
See note (1)
25
160
60
90
110
130
150
Square wave (D = 0.50)
80 % rated V
R applied
35
40
45
DC
0
025
20
IF(AV) - Average Forward Current (A)
5
101520
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
30
10
15
5
35
40
45
25
30
DC
RMS limit
100
1000
tp - Square Wave Pulse Duration (µs)
100
10 000
10
10 000
1000
At any rated load condition
and with rated V
RRM applied
following surge



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com