Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KBPC1
Description  Single Phase Rectifier Bridge, 3 A, 6 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC1 Datasheet(HTML) 3 Page - Vishay Siliconix

  KBPC1 Datasheet HTML 1Page - Vishay Siliconix KBPC1 Datasheet HTML 2Page - Vishay Siliconix KBPC1 Datasheet HTML 3Page - Vishay Siliconix KBPC1 Datasheet HTML 4Page - Vishay Siliconix KBPC1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 93585
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Dec-08
3
KBPC1, KBPC6 Series
Single Phase Rectifier
Bridge, 3 A, 6 A
Vishay High Power Products
Fig. 3 - Non-Repetitive Surge Ratings
Fig. 4 - Non-Repetitive Surge Ratings
CIRCUIT CONFIGURATION
Pulse Train Duration (s)
10
-2
10
-1
110
0
10
60
30
20
50
40
93585_03
From any rated load condition
KBPC1...
Pulse Train Duration (s)
10
-2
10
-1
110
0
40
140
80
60
120
130
100
30
20
10
70
50
110
90
93585_04
From any rated load condition
KBPC6...
+
-
~
~
I
O(av)
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95250



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com