Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KBPC6
Description  Single Phase Rectifier Bridge, 3 A, 6 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC6 Datasheet(HTML) 1 Page - Vishay Siliconix

  KBPC6 Datasheet HTML 1Page - Vishay Siliconix KBPC6 Datasheet HTML 2Page - Vishay Siliconix KBPC6 Datasheet HTML 3Page - Vishay Siliconix KBPC6 Datasheet HTML 4Page - Vishay Siliconix KBPC6 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 93585
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Dec-08
1
Single Phase Rectifier Bridge, 3 A, 6 A
KBPC1, KBPC6 Series
Vishay High Power Products
FEATURES
• Suitable for printed circuit board or chassis
mounting
• Compact construction
• High surge current capability
• Compliant to RoHS directive 2002/95/EC
DESCRIPTION
The KBPC series of single phase rectifier bridge consists of
four silicon junctions connected as a full bridge. These
devices are intended for general use in industrial and
consumer equipment.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO(AV)
3.0 A, 6.0 A
VRRM
50 V to 1000 V
D-72
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
KBPC1
KBPC6
UNITS
IO
36
A
IFSM
50 Hz
50
125
A
60 Hz
55
137
I2t
50 Hz
12.5
78
A2s
60 Hz
11.4
71
VRRM
Range
50 to 1000
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
VRMS, MAXIMUM
RECOMMENDED RMS
SUPPLY VOLTAGE
V
KBPC1005
KBPC6005
50
50
20
KBPC102
KBPC602
200
200
80
KBPC104
KBPC604
400
400
125
KBPC106
KBPC606
600
600
250
KBPC108
KBPC608
800
800
380
KBPC110
KBPC610
1000
1000
500


Similar Part No. - KBPC6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC6 SEMTECH-KBPC6 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
CHENG-YI ELECTRONIC CO....
KBPC6 CHENG-YI-KBPC6 Datasheet
124Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBPC6 VISHAY-KBPC6 Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
logo
SynSemi, Inc.
KBPC6 SYNSEMI-KBPC6 Datasheet
395Kb / 2P
Glass Passivated Single-Phase Bridge Recitifiers
logo
Vishay Siliconix
KBPC6 VISHAY-KBPC6 Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
More results

Similar Description - KBPC6

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
KBJ6A DACHANG-KBJ6A Datasheet
195Kb / 2P
Single-phase Silicon Bridge Rectifier Forward Current 6 A
logo
Vishay Siliconix
KBPC102 VISHAY-KBPC102 Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
KBPC604PBF VISHAY-KBPC604PBF Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
VS-KBPC601PBF VISHAY-VS-KBPC601PBF Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
VS-KBPC1 VISHAY-VS-KBPC1 Datasheet
122Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
16-Mar-17
logo
New Jersey Semi-Conduct...
KBPC1 NJSEMI-KBPC1 Datasheet
187Kb / 3P
Single Phase Rectifier Bridge, 3 A, 6 A
logo
Vishay Siliconix
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
VS-KBPC1 VISHAY-VS-KBPC1_V01 Datasheet
124Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
18-May-2018
VS-MB VISHAY-VS-MB_V01 Datasheet
144Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-KBPC1 VISHAY-VS-KBPC1_V02 Datasheet
123Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
18-May-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com