Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR150 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR150
Description  Schottky Rectifier, 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR150 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR150 Datasheet HTML 1Page - Vishay Siliconix MBR150 Datasheet HTML 2Page - Vishay Siliconix MBR150 Datasheet HTML 3Page - Vishay Siliconix MBR150 Datasheet HTML 4Page - Vishay Siliconix MBR150 Datasheet HTML 5Page - Vishay Siliconix MBR150 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-MBR150, VS-MBR150-M3, VS-MBR160, VS-MBR160-M3
www.vishay.com
Vishay Semiconductors
Revision: 20-Sep-11
3
Document Number: 93439
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Ambient Temperature vs.
Average Forward Current, Printed Circuit Board Mounted
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
93439_01
VFM - Forward Voltage Drop (V)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 150 °C
T
J = 125 °C
T
J =
25 °C
VR - Reverse Voltage (V)
93439_02
0.0001
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
VR - Reverse Voltage (V)
93439_03
10
100
0
10
20
30
40
50
60
70
T
J = 25 °C
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
DC
IF(AV) - Average Forward Current (A)
93439_04
Average Forward Current - IF(AV) (A)
93439_05
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
tp - Square Wave Pulse Duration (µs)
93439_06
10
100
1000
10
100
1000
10 000
At Any Rated Load Condition
And With rated V
RRM Applied
Following Surge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com