Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR340
Description  Schottky Rectifier, 3 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR340 Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR340 Datasheet HTML 1Page - Vishay Siliconix MBR340 Datasheet HTML 2Page - Vishay Siliconix MBR340 Datasheet HTML 3Page - Vishay Siliconix MBR340 Datasheet HTML 4Page - Vishay Siliconix MBR340 Datasheet HTML 5Page - Vishay Siliconix MBR340 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-MBR340, VS-MBR340-M3
www.vishay.com
Vishay Semiconductors
Revision: 19-Sep-11
4
Document Number: 93449
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-MBR340
500
500
Bulk
VS-MBR340TR
1200
1200
Tape and reel
VS-MBR340-M3
500
500
Bulk
VS-MBR340TR-M3
1200
1200
Tape and reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95242
Part marking information
www.vishay.com/doc?95304
Packaging information
www.vishay.com/doc?95338
1
-
Schottky MBR series
2
-
Current rating: 3 = 3 A
3
-
Voltage rating: 40 = 40 V
4
-
TR = Tape and reel package
None = Bulk package
Device code
2
4
3
5
MBR
3
40
TR
VS-
1
-M3
6
-
Vishay Semiconductors product
None = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant, and terminations lead (Pb)-free
-
Environmental digit
5
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com