Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045WTPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR3045WTPBF
Description  Schottky Rectifier, 2 x 15 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR3045WTPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR3045WTPBF Datasheet HTML 1Page - Vishay Siliconix MBR3045WTPBF Datasheet HTML 2Page - Vishay Siliconix MBR3045WTPBF Datasheet HTML 3Page - Vishay Siliconix MBR3045WTPBF Datasheet HTML 4Page - Vishay Siliconix MBR3045WTPBF Datasheet HTML 5Page - Vishay Siliconix MBR3045WTPBF Datasheet HTML 6Page - Vishay Siliconix MBR3045WTPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-MBR30..WTPbF Series, VS-MBR30..WT-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 30-Aug-11
4
Document Number: 94293
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current
(Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
100
110
120
130
140
150
IF(AV) - Average Forward Current (A)
8
412
16
20
24
0
DC
See note (1)
Square wave (D = 0.50)
V
R applied
0
2
6
12
14
10
8
4
16
IF(AV) - Average Forward Current (A)
8
4
12
16
20
24
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com