Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4060WTPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR4060WTPBF
Description  Schottky Rectifier, 2 x 20 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR4060WTPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR4060WTPBF Datasheet HTML 1Page - Vishay Siliconix MBR4060WTPBF Datasheet HTML 2Page - Vishay Siliconix MBR4060WTPBF Datasheet HTML 3Page - Vishay Siliconix MBR4060WTPBF Datasheet HTML 4Page - Vishay Siliconix MBR4060WTPBF Datasheet HTML 5Page - Vishay Siliconix MBR4060WTPBF Datasheet HTML 6Page - Vishay Siliconix MBR4060WTPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-MBR4060WTPbF, VS-MBR4060WT-N3
www.vishay.com
Vishay Semiconductors
Revision: 30-Aug-11
2
Document Number: 94296
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
20 A
TJ = 25 °C
0.72
V
TJ = 125 °C
0.62
Maximum instantaneous reverse current
IRM
TJ = 25 °C
Rated DC voltage
1.0
mA
TJ = 125 °C
100
Maximum junction capacitance
CT
VR = 5 VDC, (test signal range 100 kHz to 1 MHz) 25 °C
720
pF
Typical series inductance
LS
Measured from top of terminal to mounting plane
7.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per package
RthJC
DC operation
2.20
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
1.10
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
50
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AC
MBR4060WT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com