Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS640B Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # IRFS640B
Description  200V N-Channel MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IRFS640B Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  IRFS640B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Drain-Source Voltage
V
DSS
200
V
Drain Current - Continuous
I
D
18
A
Drain Current - Pulsed
I
DM
72
A
Gate-Source Voltage
V
GSS
30
V
Power Dissipation
P
D
125
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
IRFS640B
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS V
GS = 0V, ID =250
A
200
V
Zero Gate Voltage Drain Current
IDSS
V
DS =200V, VGS =0V
10
uA
Gate-Body Leakage Current, Forward
IGSSF
V
GS =30V, VDS =0V
100
uA
Gate-Body Leakage Current, Reverse
IGSSR
V
GS = -30V, VDS =0V
-100
uA
Gate Threshold Voltage
VGS(th)
V
DS = VGS , ID =250
A
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(on) V
GS = 10 V, ID = 10.0 A
0.14
0.18
W
Drain-Source Diode Forward Voltage
VSD
V
GS = 0 V, IS = 18.0 A
2.0
V
200V N-Channel MOSFET
Product specification
These N-Channel enhancement mode power field effect transistors are produced using Fairchild
s
proprietary,planar, DMOS technology.
This advanced technology has been minimize on-state resistance, provide superior switchingespecially tailored
to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in
the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power
supplies, power factor correction and electronic lamp ballasts based on half bridge.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - IRFS640B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFS640B FAIRCHILD-IRFS640B Datasheet
916Kb / 10P
200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFS640B KERSEMI-IRFS640B Datasheet
1Mb / 9P
200V N-Channel MOSFET
More results

Similar Description - IRFS640B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
200V N-Channel MOSFET
FQB10N20 FAIRCHILD-FQB10N20 Datasheet
794Kb / 9P
200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
200V N-Channel MOSFET
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
200V N-Channel MOSFET
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
200V N-Channel MOSFET
IRFM220B FAIRCHILD-IRFM220B Datasheet
727Kb / 8P
200V N-Channel MOSFET
IRFP250B FAIRCHILD-IRFP250B Datasheet
669Kb / 8P
200V N-Channel MOSFET
IRFS650B FAIRCHILD-IRFS650B Datasheet
651Kb / 8P
200V N-Channel MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com