Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM386D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM386D
Description  Low Voltage Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM386D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM386D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM386N/D
EQUIVALENT SCHEMATIC AND CONNECTION DIAGRAMS
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
C h a r a c t e r i s t i c
S y mb o l
Va l u e
U n i t
Maximu m Input Vo ltage
V IN
±0.4
V
Supply Vo ltage
Vcc
15
V
S O P 8
6 6 0
Maximu m Power Disspation
DIP8
P D
1200
mW
Soldering temp erature(10 sec.)
T S
2 6 0
°C
Junction Te mp erature
Tj
150
°C
Operating Te mp erature
Ta mb
-10~+70
°C
St orage Te mp erature
Ts tg
-40~125
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Vcc=6V , R L =8 Ω , f=1kHz , Ta mb =25 ℃ )
C h a r a c t e r i s t i c s
Te s t c o n d i t i o n s
Sy mbol
M i n
Ty p
Max
U nit
Operating Supply
Voltage
V c c
1 2
V
Quiescent Current
Vcc=6V , V IN =0
I c c
-
4
8
mA
Vcc=6V, R L =8
Ω, THD=10%
2 5 0
3 2 5
Output Power
Vcc=9V, R L =8
Ω, THD=10%
Po
5 0 0
7 0 0
mW
Vcc=6V, f=1kHz
-
26
-
Voltage Gain
10 μ Ffrom Pin 1 to 8
Av
-
4 6
-
dB
Bandwidth
Vcc=6V , Pins 1 and 8 open
B W
-
3 0 0
-
k H z
Total Harm onic
Distortion
Vcc=6V , R L =8 Ω, Po=125mW ,
f=1kHz
Pins 1 and 8 open
T H D
-
0 . 2
-
%
Power Supply
Rejection Ratio
Vcc=6V , f=1kHz , C BYPA S S =1 0 μ
Pins 1 and 8 open referred to
Output
P S R R
5 0
d B
Input Resistance
R IN
-
5 0
-
k Ω
Input Bias Current
Vcc=6V , Pins 2 and 3 open
I B
-
2 5 0
-
n A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com