Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20UT04FN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20UT04FN
Description  High Performance Schottky Generation 5.0, 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20UT04FN Datasheet(HTML) 2 Page - Vishay Siliconix

  20UT04FN Datasheet HTML 1Page - Vishay Siliconix 20UT04FN Datasheet HTML 2Page - Vishay Siliconix 20UT04FN Datasheet HTML 3Page - Vishay Siliconix 20UT04FN Datasheet HTML 4Page - Vishay Siliconix 20UT04FN Datasheet HTML 5Page - Vishay Siliconix 20UT04FN Datasheet HTML 6Page - Vishay Siliconix 20UT04FN Datasheet HTML 7Page - Vishay Siliconix 20UT04FN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-20UT04, VS-20WT04FN
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
2
Document Number: 94573
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Measured connecting 2 anode pins
Notes
(1) Pulse width < 300 μs, duty cycle < 2 %
(2) Only 1 anode pin connected
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 153 °C, rectangular waveform
20
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied (1)
900
A
10 ms sine or 6 ms rect. pulse
220
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 7 A, L = 4.4 mH
108
mJ
Repetitive avalanche current
IAR
Limited by frequency of operation and time pulse duration
so that TJ < TJ max. IAS at TJ max. as a function of time pulse
IAS at
TJ max.
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
VFM (1)(2)
10 A
TJ = 25 °C
0.505
0.540
V
20 A
0.570
0.610
10 A
TJ = 125 °C
0.415
0450
20 A
0.520
0.580
Reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
-
100
μA
TJ = 125 °C
-
7
mA
Junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
1900
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.2
°C/W
Typical thermal resistance,
case to heatsink
RthCS
0.3
Approximate weight
2g
0.07
oz.
Marking device
Case style I-PAK
20UT04
Case style D-PAK
20WT04FN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com